Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download SB2H100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
SB2H90 & SB2H100
Vishay General Semiconductor
High-Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES * Guardring for overvoltage protection * Low power losses and high efficiency * Low forward voltage drop * Low leakage current * High forward surge capability * High frequency operation
DO-204AC (DO-15)
* Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in middle voltage high frequency inverters, freewheeling, dc-to-dc converters and polarity protection applications.
2.0 A 90 V, 100 V 75 A 0.65 V 10 A 175 C
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF IR TJ max.
MECHANICAL DATA Case: DO-204AC (DO-15) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Color band denotes the cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TA = 25 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse surge current at tp = 2.0 s, 1 kHz Critical rate of rise of reverse voltage Storage temperature range Maximum operating junction temperature SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TSTG TJ SB2H90 90 90 90 2.0 75 1.0 10 000 - 55 to + 175 175 SB2H100 100 100 100 UNIT V V V A A A V/s C C
Document Number: 88718 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
SB2H90 & SB2H100
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum reverse current at rated VR (2) Notes: (1) Pulse test: 300 ms pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms TEST CONDITIONS IF = 2.0 A IF = 2.0 A TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C SYMBOL VF IR SB2H90 0.79 0.65 10 4.0 SB2H100 UNIT V A mA
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas SYMBOL RJA RJL SB2H90 45 14 SB2H100 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SB2H100-E3/54 SB2H100-E3/73 SB2H100HE3/54 (1) SB2H100HE3/73 (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.398 0.398 0.398 0.398 PREFERRED PACKAGE CODE 54 73 54 73 BASE QUANTITY 4000 2000 4000 2000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging 13" diameter paper tape and reel Ammo pack packaging
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
4.0 100
Instantaneous Forward Current (A)
Average Forward Current (A)
3.0
10
TJ = 175 C TJ = 100 C
2.0
1
TJ = 150 C TJ = 125 C
1.0
0.1
TJ = 25 C 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0 0 25 50 75 100 125 150 175 200
Ambient Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 2. Typical Instantaneous Forward Characteristics
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88718 Revision: 19-May-08
New Product
SB2H90 & SB2H100
Vishay General Semiconductor
10 000 TJ = 150 C
100
1000
100 TJ = 100 C 10
TJ = 125 C
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (A)
10
1
0.1 TJ = 25 C 0.01 20 40 60 80 100
1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 3. Typical Reverse Characteristics
Figure 5. Typical Transient Thermal Impedance
10 000
Junction Capacitance (pF)
1000
100
10 0.1 1 10 100
Reverse Voltage (V)
Figure 4. Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AC (DO-15)
0.034 (0.86) 0.028 (0.71) DIA.
1.0 (25.4) MIN.
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Document Number: 88718 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SB2H100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X